Part Number Hot Search : 
N6211 AD8609 TM128 COM20051 05S12 CA808 P1600 MAX16
Product Description
Full Text Search
 

To Download 1N5394 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391 THRU 1N5399
Features
* The plastic package carries Underwrites Laboratory Flammability Classification 94V-0 * Construction utilizes void-free molded plastic technique * High surge current capability * 1.5A operation at TL=70E with no thermal runaway * Low reverse leakage * High forward surge current capability * High temperature soldering guaranteed : 250E /10 seconds, 0.375"(9.5mm) lead length, 5lbs.(2.3kg) tension
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
DO-15
0.140(3.6) 0.104(2.6) DIA.
1.0(25.4) MIN.
0.300(7.6) 0.230(5.8)
Mechanical Data
* Case : JEDEC DO-15 molded plastic body * Terminals : Lead solderable per MIL-STD-750, method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.014 ounce, 0.33 gram
0.034(0.9) 0.028(0.7) DIA. 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length TA=70E Peak forward surge current 8.3ms half sine wave superimposed on rated load (JEDEC method) at TA=70E Maximum instantaneous forward voltage at 1.5A Maximum reverse current at rated DC blocking voltage TA=25E TA=100E VRRM VRMS VDC I(AV) IFSM VF IR Re JA Re JL CJ TA TJ TSTG
1N 1N 1N 1N 1N 1N 1N 1N 1N 5391 5392 5393 5394 5395 5396 5397 5398 5399
50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 1.5 50.0 1.4 5.0 50.0 50.0 25.0 20.0 +150.0 -65 to +175 500 350 500 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amps Amps Volts iA E /W pF E E
Typical thermal resistance (Note 2) Typical junction capacitance (Note 1) Maximum DC Blocking Voltage Temperature Operating and Storage temperature Range
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC. (2) Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length, P.C.B. mounted
RATINGS AND CHARACTERISTIC CURVES 1N5391 THRU 1N5399
FIG.1-FORWARD CURRENT DERATING CURVE
1.5 AVERAGE FORWARD CURRENT AMPERES 1.2 INSTANTANEOUS FORWARD CURRENT(AMPERES) 0.9 0.6
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375"(9.5mm) lead length
FIG.2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10
0.3 0 0
1
25
50
75
100
125
150
175
TJ=25E
LEAD TEMPERATURE ( E )
0.1
PULSE WIDTH=300i S 1% DUTY CYCLE
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50 40 30 20 10 0 1 10 NUMBER OF CYCLES AT 60Hz 100 INSTANTANEOUS REVERSE CURRENT (iA )
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.01 0.6 0.8 1.0 1.2 1.4 1.5
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
PEAK FORWARD SURGE CURRENT (AMPERES)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10
1.0
FIG.5-TYPICAL JUNCTION CAPACITANCE
100 JUNCTION CAPACITANCE(pF)
0.1
TJ=25E
0.01
TJ=25E
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) 10
1 0.1 1 10 100 REVERSE VOLTAGE. VOLTS


▲Up To Search▲   

 
Price & Availability of 1N5394

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X